PART |
Description |
Maker |
ARB35H ARB35L ARB35M |
Rating at 25?Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronic...
|
ARB50H ARB50L ARB50M ARSB50M |
Rating at 25?Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronic...
|
64500 |
Natural Convection: 1.33 based on 70 C temp rise above ambient
|
Aavid Thermalloy, LLC
|
62200 |
Natural Convection: 2.8 based on 70 C temp rise above ambient
|
Aavid Thermalloy, LLC
|
DS1249W DS1249W-150-IND DS1249W-100 DS1249W-100-IN |
3.3V 2048kb Nonvolatile SRAM 3.3V2048kb非易失SRAM CAPACITOR, CLASS Y2 33NFCAPACITOR, CLASS Y2 33NF; Capacitance:33nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3 2048kb非易失SRAM CAPACITOR, CLASS Y2 27NFCAPACITOR, CLASS Y2 27NF; Capacitance:27nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. CAPACITOR, CLASS Y2 330NFCAPACITOR, CLASS Y2 330NF; Capacitance:330nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3V 2048k Nonvolatile SRAM
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
PS2801-4 PS2801-4-V-F4 PS2801-1 PS2801-1-F3 PS2801 |
PRECISION POWER RADIAL-LEAD FILM RES, 330K, 1% 高隔离电压SSOP封装光耦合 HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER 高隔离电压SSOP封装光耦合 Power Resistor; Series:MK; Resistance:1Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
RD28F1602C3B110 RD28F1602C3BD70 RD28F1604C3BD70 RD |
CAPACITOR, BESTCAP 33 MILLI FARAD 7V CAPACITOR, BESTCAP 33 MILLI FARAD 7V; CAPACITANCE:33MF; VOLTAGE RATING, DC:7V; CAPACITOR DIELECTRIC TYPE:ELECTRONIC; SERIES:BESTCAP; TEMP, OP. MAX:75(DEGREE C); TEMP, OP. MIN:-20(DEGREE C); RoHS Compliant: Yes 3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye SPECIALTY MEMORY CIRCUIT, PBGA66
|
Intel Corp. Intel, Corp. Intel Corporation
|
50011-8000 50011-8100 |
Crimp Socket Contact; Wire Size (AWG):30-24; Contact Current:2A; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Reel Quantity:10000; Voltage Rating:125V RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):30-24; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Voltage Rating:125V RoHS Compliant: Yes
|
MOLEX INC
|
PS2832 PS2832-1 PS2832-1-F3 PS2832-1-F4 PS2832-1-V |
CONN CABLE ADPT PG 21/NPT 3/4,1 高隔离电压高集电极到发射极电压专科多光耦合 HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER 高隔离电压高集电极到发射极电压专科多光耦合 CONN CABLE ADPT PG 13.5/NPT 1/2,1 CONN CABLE ADPT PG 16/NPT 1/2,1 Power Resistor; Series:MK; Resistance:1kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
NEC, Corp. NEC Corp. NEC[NEC]
|